PART |
Description |
Maker |
A4407 |
The A4407 is an automotive power management IC that uses a 2.2 MHz constant on-time (COT) buck pre-regulator to supply a 5 V linear regulator, a 5 V tracking/protected linear regulator,
|
Allegro MicroSystems
|
MIC4680 MIC4680-3.3BM MIC4680-5.0BM MIC4680BM |
1A 200kHz SuperSwitcher?/a> Buck Regulator Final Information 1A 200kHz SuperSwitcherTM Buck Regulator 1A 200kHz SuperSwitcher Buck Regulator Final Information From old datasheet system 1A 200kHz SuperSwitcher⑩ Buck Regulator Final Information 150000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 1A 200kHz SuperSwitcherBuck Regulator Final Information PT 32C 32#20 PIN PLUG
|
MICREL[Micrel Semiconductor] Micrel Semiconductor,Inc.
|
ZFSC-2-1W |
Power Splitter/Combiner 2 Way-0 50楼? 1 to 750 MHz Power Splitter/Combiner 2 Way-0 50惟 1 to 750 MHz Power Splitter/Combiner 2 Way-0 50Ω 1 to 750 MHz
|
Mini-Circuits
|
NCV890200PDR2G |
2 A, 2 MHz Automotive Buck Switching Regulator
|
ON Semiconductor
|
MCP1603T-120I_OS MCP1603-250I/OS MCP1603-ADJI/OS M |
2.0 MHz, 500 mA Synchronous Buck Regulator
|
Microchip Technology
|
NCV890230PDR2G |
2 A, 2 MHz Automotive Buck Switching Regulator
|
ON Semiconductor
|
MIC22601YML |
4 MHz, 6A Integrated Switch Synchronous Buck Regulator
|
Micrel Semiconductor
|
MIC4690 MIC4690BM |
150000 SYSTEM GATE 2.5 VOLT FPGA - NOT RECOMMENDED for NEW DESIGN 500kHz 1A SuperSwitcher Buck Regulator 500kHz 1A SuperSwitcherTM Buck Regulator
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
NCP5252 NCP5252MNTXG |
2.0 A, 1.0 MHz Integrated Synchronous Buck Regulator with Light Load Efficiency
|
ON Semiconductor
|
LM2575-12 LM2575-12BN LM2575-12BT LM2575-12BU LM25 |
52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator(固定频率52kHz 输出电流 1A 可调转换电压步降稳压 52kHz简A降压稳压器(固定频率52kHz输出电流1A条可调转换电压步降稳压器 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP16 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 14-PDIP 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO24 52kHz Simple 1A Buck Regulator 3.2 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, SFM5 Advanced LinCMOS(TM) Precision Chopper-Stabilized Operational Amplifier 8-PDIP 52kHz Simple 1A Buck Regulator(固定频率B>52kHz 输出电流 1A 可调转换电压步降稳压
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
CS8126 CS8126-1YT5 CS8126-1YTVA5G CS8126-1YDPS7 CS |
5.0 V, 750 mA Low Dropout Linear Regulator with Delayed /RESET(5.0 V锛?50 mA锛?甫澶??锛?RESET锛?欢?剁?浣??宸?嚎?хǔ???) 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
|
ONSEMI[ON Semiconductor]
|